Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M41ST87YMX6 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce M41ST87YMX6
Description  5.0, 3.3, or 3.0V, 1280 bit (160 x8) Secure Serial RTC and NVRAM Supervisor with Tamper Detection
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST87YMX6 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button M41ST87YMX6 Datasheet HTML 13Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 14Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 15Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 16Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 17Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 18Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 19Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 20Page - STMicroelectronics M41ST87YMX6 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17/42
M41ST87Y, M41ST87W
Figure 15. Tamper Detect Output Options
Figure 16. Basic Tamper Detect Options
AI07821
IRQ - Interrupt the
processor on tamper
User
Configuration
TPCLR - Clear external
RAM on tamper
RESET OUT
CLR - Clear 128 bytes
internal RAM on tamper
Time stamp tamper
event (to RTC)
CLR1EXT
TIE1
CLR1
CLR2EXT
TIE2
CLR2
(other reset sources)
TEB2
TP2
TEB1
TP1
AI07818
TAMPER LO,
NORMALLY OPEN
TAMPER HI,
NORMALLY CLOSED
User
Configuration
TCM
X, TPMX
IRQ - Interrupt the
processor on tamper
TP
CLR - Clear external
RAM on tamper
CLR - Clear internal
RAM on tamper
Time stamp tamper
event
CLRX
EXT
TIE
X
CLRX
TAMPER HI,
NORMALLY OPEN
TAMPER LO,
NORMALLY CLOSED
Triggering Event
Tamper Event Output
TCMX, TPMX = 1,1
TCMX, TPMX = 0,0
TCMX, TPMX = 1,0
TCMX, TPMX = 0,1
VCC (VOUT)
VCC (VOUT)
VCC (VOUT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42