| Moteur de recherche de fiches techniques de composants électroniques |
|
M41ST87YMX6 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST87YMX6 Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 42 page ![]() 7/42 M41ST87Y, M41ST87W Figure 4. Block Diagram Note: 1. Open drain output. 2. Programmable output (Open drain or Full-CMOS); if open drain option is selected and if pulled-up to supply other than VCC, this supply must be equal to, or less than 3.0V when VCC = 0V (during battery back-up mode). AI07026 COMPARE VPFD VCC VOUT COMPARE VSO VOUT VBL BL COMPARE Crystal I2C INTERFACE REAL TIME CLOCK CALENDAR 128 BYTES USER RAM 8 BYTES ROM RTC w/ALARM & CALIBRATION WATCHDOG SQUARE WAVE TAMPER SDA SCL 1.25V PFI1 PFI2 PFO1 (2) PFO2 (2) RSTIN1 POR SQW/FT (2) RST (1) WDI TPXIN WDS TIEX CLRX CLRXEXT AFE OFIE IRQ/OUT (1) VBAT 32KHz OSCILLATOR TPCLR F32k (1) COMPARE COMPARE RSTIN2 EX ECON (Internal) 1.25V (Internal) |