Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80V Fiches technique(PDF) 3 Page - CUI INC

No de pièce CFM-80V
Description  DC AXIAL FAN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

CFM-80V Fiches technique(HTML) 3 Page - CUI INC

  CFM-80V Datasheet HTML 1Page - CUI INC CFM-80V Datasheet HTML 2Page - CUI INC CFM-80V Datasheet HTML 3Page - CUI INC CFM-80V Datasheet HTML 4Page - CUI INC CFM-80V Datasheet HTML 5Page - CUI INC CFM-80V Datasheet HTML 6Page - CUI INC CFM-80V Datasheet HTML 7Page - CUI INC CFM-80V Datasheet HTML 8Page - CUI INC CFM-80V Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
cui.com
date 07/26/2017
│ page 3 of 16
CUI Inc
│ SERIES: CFM-80V │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage1
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
8
24
12
24
48
13.8
27.6
56.0
Vdc
Vdc
Vdc
starting voltage2
12 Vdc input models
24 Vdc input models
48 Vdc input models
4.5
8
24
Vdc
Vdc
Vdc
Note:
1. See Model section on page 1 for specific input voltage ranges.
2. Starting voltage for models CFM-8020V-126-300, CFM-8020V-130-350, CFM-8020V-133-380, CFM-8020V-139-430, CFM-8020V-142-450, CFM-8020V-146-480,
CFM-8025V-142-415, CFM-8025V-145-431, and CFM-8025V-148-447 is 6 Vdc. Starting voltage for models CFM-8025V-242-435 and CFM-8025V-245-450 is 10 Vdc.
PERFORMANCE3
parameter
conditions/description
min
typ
max
units
rated speed
at rated voltage, 25°C, after 10 minutes
2400
4800
RPM
air flow
at 0 inch H
2O, see performance curves
23.9
60.0
CFM
static pressure
at 0 CFM, see performance curves
0.07
0.41
inch H
2O
noise
at 1 m
20.4
48.0
dBA
Note:
3. See Model section on page 1 for specific values.
PROTECTIONS / FEATURES4
parameter
conditions/description
min
typ
max
units
auto restart
on all models
rotation detector signal
available on “11” models
tachometer signal
available on “20” models
Notes:
4. See Application Notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between internal stator and positive
lead wire
10
MΩ
dielectric strength
apply 500 Vac for 1 minute between housing and
positive lead wire
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 61000-6-1:2007, EN 61000-6-3:2007+A1
life expectancy
at 40°C, 65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com