Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CFM-80V Fiches technique(PDF) 2 Page - CUI INC

No de pièce CFM-80V
Description  DC AXIAL FAN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUI [CUI INC]
Site Internet  http://www.cui.com
Logo CUI - CUI INC

CFM-80V Fiches technique(HTML) 2 Page - CUI INC

  CFM-80V Datasheet HTML 1Page - CUI INC CFM-80V Datasheet HTML 2Page - CUI INC CFM-80V Datasheet HTML 3Page - CUI INC CFM-80V Datasheet HTML 4Page - CUI INC CFM-80V Datasheet HTML 5Page - CUI INC CFM-80V Datasheet HTML 6Page - CUI INC CFM-80V Datasheet HTML 7Page - CUI INC CFM-80V Datasheet HTML 8Page - CUI INC CFM-80V Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
cui.com
date 07/26/2017
│ page 2 of 16
CUI Inc
│ SERIES: CFM-80V │ DESCRIPTION: DC AXIAL FAN
MODEL
input
voltage
input
current1
input
power1
rated
speed1
air
flow2
static
pressure3
noise4
rated
(Vdc)
range
(Vdc)
max
(mA)
max
(W)
typ
(RPM±10%)
(CFM)
(inch H
2O)
max
(dBA)
CFM-8025V-232-330
24
8~27.6
75
1.80
3200
41.0
0.18
33.0
CFM-8025V-242-435
24
10~27.6
158
3.80
4200
53.0
0.30
43.5
CFM-8025V-245-450
24
10~27.6
191
4.59
4500
57.0
0.35
45.0
CFM-8025V-442-435
48
24~56.0
106
5.09
4200
53.0
0.30
43.5
CFM-8025V-445-450
48
24~56.0
115
5.52
4500
57.0
0.35
45.0
Notes:
1. At rated voltage, 25°C, 0 inch H
20 static pressure, after 10 minutes
2. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 inch H
20 static pressure
3. As per AMCA 210 or DIN 24163, at rated voltage, stabilized RPM, 0 CFM airflow.
4. Measured in a semi-anechoic chamber with background noise < 15 dBA at 1 m from the fan intake.
5. All specifications are measured at 25°C, 65% relative humidity unless otherwise specified.
PART NUMBER KEY
CFM-8015V-124-308 - XX - CXX
Reserved for Custom
Configurations
Base Number
Fan Signals
“blank” = no signals
11 = rotation detector signal
20 = tachometer signal
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com