Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFC2000 Fiches technique(PDF) 127 Page - List of Unclassifed Manufacturers

No de pièce MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Fiches technique(HTML) 127 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 123Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 124Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 125Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 126Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 127Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 128Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 129Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 130Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 131Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
5-1
5. RESET Logic/Battery Backup/Watch Dog Timer
5.1
Reset Logic/Battery Backup
The MFC2000 has two power resets, Battery Power Reset and Prime Power Reset. The Battery Power Reset is
the primary reset used to initialize battery-powered logic when battery power is first applied. Prime Power Reset
initializes all non-battery powered logic whenever system power is applied. A third reset is generated by the
watchdog timer or by the RESETn pin. The major logic blocks and associated MFC2000 signals are illustrated in
Figure 5-1.
Note:
Reset logic operation requires use of the RTC Crystal (connected to XIN and XOUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More