| Moteur de recherche de fiches techniques de composants électroniques |
|
MFC2000 Fiches technique(PDF) 59 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
MFC2000 Fiches technique(HTML) 59 Page - List of Unclassifed Manufacturers |
|
59 / 426 page ![]() Hardware Description MFC 2000 Multifunctional Peripheral Controller 2000 100723A Conexant 4-29 Table 4-6. Read Operation (Internal Peripheral Gets Data From Memory) BIG ENDIAN LITTLE ENDIAN DMA SIZE MEM SIZE DMA_AD DMA DATA (output) MEM ADDR MEM DATA (input) Half Word Byte 0000 Byte 2, Byte 3 0011,0010 Byte 3, Byte 2 Half Word Byte 0010 Byte 0, Byte 1 0001,0000 Byte 1, Byte 0 Half Word Half Word 0000 Byte 2, Byte 3 0010 Byte 3, Byte 2 Half Word Half Word 0010 Byte 0, Byte 1 0000 Byte 1, Byte 0 Table 4-7. Write Operation (Internal Peripheral Puts Data Into Memory) LITTLE ENDIAN BIG ENDIAN DMA SIZE MEM SIZE DMA_AD DMA DATA (input) MEM ADDR MEM DATA (output) WRON WREN Half Word Byte 0000 B1,B0 0011,0010 B0,B1 0 0 Half Word Byte 0010 B3,B2 0001,0000 B2,B3 0 0 Half Word Half Word 0000 B1,B0 0010 B0,B1 0 0 Half Word Half Word 0010 B3,B2 0000 B2,B3 0 0 |