Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFC2000 Fiches technique(PDF) 32 Page - List of Unclassifed Manufacturers

No de pièce MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Fiches technique(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 28Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 29Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 30Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 31Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 32Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 33Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 34Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 35Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 426 page
background image
MFC2000 Multifunctional Peripheral Controller 2000
Hardware Description
4-2
Conexant
100723A
The internal RAM space includes the following:
1.
Bit rotation RAM area
Bit rotation RAM: 512 halfwords (1 kB)
(01FF9000h-01FF93FFh)
(Reserved) (3072 bytes)
(01FF9400h-01FF9FFFh)
2.
Countach Subsystem memory area
Countach Scratch Pad (512 bytes) (256 halfwords)(01FFA000h-01FFA1FFh)
Countach Data DMA Channel 0 (1 halfword)
(01FFA200h-01FFA201h)
Countach Data DMA Channel 1 (1 halfword)
(01FFA202h-01FFA203h)
Countach Data DMA Channel 2 (1 halfword)
(01FFA204h-01FFA205h)
Countach Data DMA Channel 3 (1 halfword)
(01FFA206h-01FFA207h)
Reserved (344 bytes)
(01FFA208h-01FFA35Fh)
Countach Program DMA Address (5 bytes)
(01FFA360h-01FFA364h)
Reserved (155 bytes)
(01FFA365h-01FFA3FFh)
VSI Buffer (256 bytes) (2x64 halfwords)
(01FFA400h-01FFA4FFh)
(Reserved) (23296 bytes)
(01FFA500h-01FFFFFFh)
4.1.1.2
External Countach Imaging DSP Subsystem Memory Space
The external memory space (8 MB) is allocated to the external DRAM/SDRAM on the Countach Imaging DSP
Bus Subsystem.
Countach Imaging DSP Subsystem SDRAM/DRAM (8 M)
(01000000h-017FFFFFh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More