Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFC2000 Fiches technique(PDF) 375 Page - List of Unclassifed Manufacturers

No de pièce MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Fiches technique(HTML) 375 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 371Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 372Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 373Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 374Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 375Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 376Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 377Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 378Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 379Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 426 page
background image
Multifunctional Peripheral Controller 2000
MFC2000
100723A
Conexant
22-1
22. Calling Party Control (CPC)
In some countries, after the called party is on hook, a pulse is sent to the caller party by stopping the line current
of the caller party for a short time to indicate that the called party is on hook, as seen in Figure 22-1. The duration
of this pulse varies widely for different countries. The purpose of having Calling Party Control (CPC) circuit is to
detect the on-hook signal by sampling CPC signal.
.
.
(o f C a ller P arty )
Ca ller P arty
C alle d P arty
Lin e C u rr en t
CP C S ign a l
O ff-H o ok
On -H o ok
On -H o ok S ign a l
O ff-H o ok
On -H o ok
Figure 22-1: CPC Signal
Firmware Note:
In order to setup CPC circuit, the following initialization procedure must be done in the given
order after both parties are off hook:
1. Write the desired threshold in CPCThreshold register
2. Select the sampling period in CPCStatCtrl register (This will clear the CPCflag and reset CPC
counter to zero)
Once CPC has been set up, the firmware can periodically check CPCflag by reading
CPCStatCtrl register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More