Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFC2000 Fiches technique(PDF) 343 Page - List of Unclassifed Manufacturers

No de pièce MFC2000
Description  Multifunctional Peripheral Controller 2000
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

MFC2000 Fiches technique(HTML) 343 Page - List of Unclassifed Manufacturers

Back Button MFC2000 Datasheet HTML 339Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 340Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 341Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 342Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 343Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 344Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 345Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 346Page - List of Unclassifed Manufacturers MFC2000 Datasheet HTML 347Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 426 page
background image
Hardware Description
MFC 2000 Multifunctional Peripheral Controller 2000
100723A
Conexant
17-21
17.5.5 Error Cycle Timing
Error cycles are performed by a printer to alert the host of a change in the operational status of the printer. Error
cycles include such events as the user taking the printer off-line, the occurrence of a paper jam, or the printer
running out of paper.
An error cycle consists of raising BUSY, and then changing the state of any one or more of the three status lines,
SLCTOUT, PE and FAULTn to reflect the error condition. The ERRC bit in the control register prevents
handshake logic from generating ACKn and BUSY in the compatibility mode.
ERRC
SLCTOUT
PE
FAULTn
BUSY
ACKn
Figure 17-7. Error Cycle Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More