| Moteur de recherche de fiches techniques de composants électroniques |
|
74ALVC573 Fiches technique(PDF) 4 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74ALVC573 Fiches technique(HTML) 4 Page - NXP Semiconductors |
|
4 / 20 page ![]() 2003 Jun 25 4 Philips Semiconductors Product specification Octal D-type transparent latch; 3-state 74ALVC573 handbook, halfpage OE D0 D1 D2 D3 573 D4 D5 D6 D7 GND VCC Q0 Q1 Q2 Q4 Q5 Q3 Q6 Q7 LE 1 2 3 4 5 6 7 8 9 10 11 12 20 19 18 17 16 15 14 13 MNA806 Fig.1 Pin configuration SO20 and TSSOP20. handbook, halfpage 1 2 3 4 5 6 7 8 9 D0 D1 D2 D3 D4 D5 D6 D7 19 18 17 16 15 14 13 12 Q1 Q0 Q2 Q3 Q4 Q5 Q6 Q7 20 OE VCC 10 11 GND Top view LE GND(1) MNA979 Fig.2 Pin configuration DHVQFN20. (1) The die substrate is attached to this pad using conductive die attach material. It can not be used as a supply pin or input. Fig.3 Logic symbol. handbook, halfpage MNA807 D0 D1 D2 D3 D4 D5 D6 D7 LE OE Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 1 11 12 13 14 15 16 17 18 19 9 8 7 6 5 4 3 2 handbook, halfpage MNA808 12 13 14 15 16 17 18 11 C1 1 EN1 1D 19 9 8 7 6 5 4 3 2 Fig.4 IEC logic symbol. |