| Moteur de recherche de fiches techniques de composants électroniques |
|
AC16FSM Fiches technique(PDF) 23 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC16FSM Fiches technique(HTML) 23 Page - Teccor Electronics |
|
23 / 223 page ![]() Data Sheets Sensitive Triacs ©2002 Teccor Electronics E1 - 3 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 See “General Notes” on page E1 - 4 and “Electrical Specification Notes” on page E1 - 5. VTM VGT IH IGTM PGM PG(AV) ITSM dv/dt(c) dv/dt tgt I2t di/dt (1) (4) Volts (2) (5) (15) Volts (1) (7) mAmps (13) Amps (13) Watts Watts (8) (10) Amps (1) (10) Volts/µSec (1) Volts/ µSec (9) µSec Amps2Sec Amps/µSec TC = 25 °C TC = 25 °C60/50 Hz TC = 100 °C MAX MAX MAX TYP TYP TYP 1.6 2 5 1 10 0.2 10/8.3 0.5 20 2.8 0.41 20 1.6 2 5 1 10 0.2 10/8.3 0.5 15 2.8 0.41 20 1.6 2 5 1 10 0.2 10/8.3 0.5 10 2.8 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 20 3 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 15 3 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 10 3 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 30 3 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 25 3 0.41 20 1.6 2 10 1 10 0.2 10/8.3 1 20 3 0.41 20 1.6 2 15 1 10 0.2 10/8.3 2 35 3.2 0.41 20 1.6 2 15 1 10 0.2 10/8.3 2 30 3.2 0.41 20 1.6 2 15 1 10 0.2 10/8.3 2 25 3.2 0.41 20 1.6 25110 0.2 20/16.7 0.5 20 2.8 1.6 20 1.6 25110 0.2 20/16.7 0.5 20 2.8 1.6 20 1.6 25110 0.2 20/16.7 0.5 10 2.8 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 20 3 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 20 3 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 10 3 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 30 3 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 30 3 1.6 20 1.6 2 10 1 10 0.2 20/16.7 1 20 3 1.6 20 1.6 2 15 1 10 0.2 20/16.7 1 35 3.2 1.6 20 1.6 2 15 1 10 0.2 20/16.7 1 35 3.2 1.6 20 1.6 2 15 1 10 0.2 20/16.7 1 25 3.2 1.6 20 1.6 2 5 1.2 15 0.3 40/33 0.5 25 2.8 6.6 50 1.6 2 5 1.2 15 0.3 40/33 0.5 25 2.8 6.6 50 1.6 2 5 1.2 15 0.3 40/33 0.5 15 2.8 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 25 3 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 25 3 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 15 3 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 30 3 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 30 3 6.6 50 1.6 2 10 1.2 15 0.3 40/33 1 20 3 6.6 50 1.6 2 15 1.2 15 0.3 40/33 2 35 3.2 6.6 50 1.6 2 15 1.2 15 0.3 40/33 2 35 3.2 6.6 50 1.6 2 15 1.2 15 0.3 40/33 2 25 3.2 6.6 50 |