| Moteur de recherche de fiches techniques de composants électroniques |
|
AC16FSM Fiches technique(PDF) 99 Page - Teccor Electronics |
|
|
|||||||||||||||||||||||||||||
AC16FSM Fiches technique(HTML) 99 Page - Teccor Electronics |
|
99 / 223 page ![]() Data Sheets Package Dimensions 2002 Teccor Electronics M1 - 7 http://www.teccor.com Thyristor Product Catalog +1 972-580-7777 C Package — Compak N Package — TO-263 D2Pak Surface Mount 0.079 (2.0) 0.040 (1.0) 0.030 (0.76) 0.079 (2.0) 0.079 (2.0) 0.110 (2.8) Pad Outline H K J E F L G A C B M D N P Gate MT1 / Cathode MT2 / Anode TC / TL Temperature Measurement Point Dimensions are in inches (and millimeters). Dimension Inches Millimeters MIN MAX MIN MAX A 0.140 0.155 3.56 3.94 B 0.205 0.220 5.21 5.59 C 0.077 0.083 1.96 2.11 D 0.166 0.180 4.22 4.57 E 0.036 0.056 0.91 1.42 F 0.073 0.083 1.85 2.11 G 0.004 0.008 0.10 0.20 H 0.077 0.086 1.96 2.18 J 0.043 0.053 1.09 1.35 K 0.008 0.012 0.20 0.30 L 0.027 0.049 0.69 1.24 M 0.022 0.028 1 0.56 0.71 N 0.027 0.033 0.69 0.84 P 0.052 0.058 1.32 1.47 B A V G S D 2PL C E K H J F 0.46 (11.684) 0.17 (4.318) 0.26 (6.604) 0.115 (2.921) 0.15 (3.81) 0.08 (2.032) Pad Outline 0.085 (2.159) 0.665 (16.891) 0.35 (8.89) U W Case Temperature Measurement Dimensions are in inches (and millimeters). MT1 / Cathode MT2 / Anode Gate Dimension Inches Millimeters MIN MAX MIN MAX A 0.360 0.370 9.14 9.40 B 0.380 0.420 9.65 10.67 C 0.178 0.188 4.52 4.78 D 0.025 0.035 0.63 0.89 E 0.048 0.055 1.22 1.40 F 0.060 0.075 1.52 1.91 G 0.095 0.105 2.41 2.67 H 0.083 0.093 2.11 2.36 J 0.018 0.024 0.46 0.61 K 0.090 0.110 2.29 2.79 S 0.590 0.625 14.99 15.87 V 0.035 0.045 0.89 1.14 U 0.002 0.010 0.05 0.25 W 0.040 0.070 1.02 1.78 |