Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M09CDT Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce L78M09CDT
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CDT Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button L78M09CDT Datasheet HTML 13Page - STMicroelectronics L78M09CDT Datasheet HTML 14Page - STMicroelectronics L78M09CDT Datasheet HTML 15Page - STMicroelectronics L78M09CDT Datasheet HTML 16Page - STMicroelectronics L78M09CDT Datasheet HTML 17Page - STMicroelectronics L78M09CDT Datasheet HTML 18Page - STMicroelectronics L78M09CDT Datasheet HTML 19Page - STMicroelectronics L78M09CDT Datasheet HTML 20Page - STMicroelectronics L78M09CDT Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
L78M00 SERIES
17/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.70
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.50
0.045
0.059
F2
1.15
1.50
0.045
0.059
G
4.95
5.2
0.194
0.204
G1
2.4
2.7
0.094
0.106
H
10.0
10.40
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
DIA.
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA
L2
L6
¯
L3
12 3
L7
L4
7012510/G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21