Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M09CDT Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce L78M09CDT
Description  POSITIVE VOLTAGE REGULATORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78M09CDT Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button L78M09CDT Datasheet HTML 12Page - STMicroelectronics L78M09CDT Datasheet HTML 13Page - STMicroelectronics L78M09CDT Datasheet HTML 14Page - STMicroelectronics L78M09CDT Datasheet HTML 15Page - STMicroelectronics L78M09CDT Datasheet HTML 16Page - STMicroelectronics L78M09CDT Datasheet HTML 17Page - STMicroelectronics L78M09CDT Datasheet HTML 18Page - STMicroelectronics L78M09CDT Datasheet HTML 19Page - STMicroelectronics L78M09CDT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
L78M00 SERIES
16/21
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21