Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU808DFH Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BU808DFH
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU808DFH Fiches technique(HTML) 6 Page - STMicroelectronics

  BU808DFH Datasheet HTML 1Page - STMicroelectronics BU808DFH Datasheet HTML 2Page - STMicroelectronics BU808DFH Datasheet HTML 3Page - STMicroelectronics BU808DFH Datasheet HTML 4Page - STMicroelectronics BU808DFH Datasheet HTML 5Page - STMicroelectronics BU808DFH Datasheet HTML 6Page - STMicroelectronics BU808DFH Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.3
1.8
0.051
0.070
F2
1.3
1.8
0.051
0.070
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
0.385
0.417
L5
3.4
0.134
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
L8
14.5
15
0.570
0.590
L9
2.4
0.094
P011W
TO-220FH (Fully plastic High voltage) MECHANICAL DATA
BU808DFH
6/7



Html Pages

1 2 3 4 5 6 7