Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5171BRJ50-R2 Fiches technique(PDF) 15 Page - Analog Devices

No de pièce AD5171BRJ50-R2
Description  64-Position OTP Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5171BRJ50-R2 Fiches technique(HTML) 15 Page - Analog Devices

Back Button AD5171BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 14Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 15Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 16Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 17Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 18Page - Analog Devices AD5171BRJ50-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD5171
Table 9. SDA Bits Definitions and Descriptions
Bit
Description
Bit
Description
S
P
Start Condition.
Stop Condition.
D5, D4, D3,
D2, D1, D0
Data Bits.
A
Acknowledge.
AD0
I2C Device Address Bit. Allows maximum of
two AD5171s to be addressed.
X
Don’t Care.
T
OTP Programming Bit. Logic 1 programs wiper
position permanently.
E1, E0
0, 0
0, 1
1, 0
1, 1
OTP Validation Bits.
Ready to Program.
Test Fuse Not Blown Successfully. (For Factory Setup Checking
Purpose Only. Users should not see these combinations).
Fatal Error. Try again.
Programmed Successfully. No further adjustments possible.
I2C Controller Programming
Write Bit Pattern Illustrations
SDA
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
INSTRUCTION BYTE
FRAME 1
DATA BYTE
SCL
ACK. BY
AD5171
ACK. BY
AD5171
ACK. BY
AD5171
STOP BY
MASTER
START BY
MASTER
0
1
1
0
11
0 AD0 R/W
0
X
X
X
X
X
X
X
X
XD5
D4
D3
D2
D1
D0
9
1
9
1
9
Figure 36. Writing to the RDAC Register
SDA
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
INSTRUCTION BYTE
FRAME 1
DATA BYTE
SCL
ACK. BY
AD5171
ACK. BY
AD5171
ACK. BY
AD5171
STOP BY
MASTER
START BY
MASTER
0
1
1
0
11
0 AD0 R/W
1X
XX
X
X
X
X
X
X
D5
D4D3
D2D1
D0
9
1
9
1
9
Figure 37. Activating One-Time Programming
Read Bit Pattern Illustration
SDA
FRAME 1
SLAVE ADDRESS BYTE
FRAME 2
RDAC REGISTER
SCL
ACK. BY
AD5171
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
0
1
1
0
11
0 AD0
E1
E0
D5
D4
D3
D2 D1
D0
91
9
R/W
Figure 38. Reading Data from RDAC Register
For users who prefer to use external controllers, the AD5171
can be controlled via an I2C compatible serial bus and is
connected to this bus as slave device. Referring to Figure 36,
Figure 37, and Figure 38, the 2-wire I2C serial bus protocol
operates as follows:
1.
The master initiates data transfer by establishing a start
condition, which is when SDA from high-to-low while SCL
is high (Figure 36 and Figure 37). The following byte is the
slave address byte, which consists of the 6 MSBs as a slave
address defined as 010110. The next bit is AD0, which is an
I2C device address bit. Depending on the states of their
AD0 bits, two AD5171 can be addressed on the same bus
(Figure 39). The last LSB is the R/W bit, which determines
whether data will be read from or written to the slave
device.
The slave whose address corresponds to the transmitted
address responds by pulling the SDA line goes low during
the 9th clock pulse (this is termed the Acknowledge bit). At
Rev. PrC | Page 15 of 20
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20