| Moteur de recherche de fiches techniques de composants électroniques |
|
AD5171BRJ50-R2 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5171BRJ50-R2 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 20 page ![]() AD5171 FREQUENCY (Hz) 100 1k 0 –6 6 –12 –18 –24 –30 –36 –54 –42 –48 0x3F 0x20 0x10 0x08 0x04 0x02 0x01 0x00 1M 10k 100k Figure 17. Gain vs. Frequency vs. Code, RAB = 100 kΩ FREQUENCY (Hz) 80 40 100 1M 1k 10k 100k 60 20 0 TA = 25°C CODE = 0x20 VA = 2.5V, VB = 0V VDD = 5V DC ± 1.0V p-p AC VDD = 3V DC ± 0.6V p-p AC Figure 18. PSRR vs. Frequency 10mV 5V 500ns VDD = 5.5V VA = 5.5V VB = GND fCLK = 100kHz SCL = 5V/DIV VW = 10mV/DIV Figure 19. Digital Feedthrough vs. Time VDD = 5.5V VA = 5.5V VB = GND fCLK = 400kHz DATA 0x00 0x3F 5V 5V 5 µs SCL = 5V/DIV VW = 5V/DIV Figure 20. Settling Time VDD = 5.5V VA = 5.5V VB = GND fCLK = 100kHz DATA 0x20 0x1F 5V 50mV 200ns VW = 50mV/DIV SCL = 5V/DIV Figure 21. Midscale Glitch Energy 5V 1V OTP PROGRAMMED AT MS VDD = 5.5V VA = 5.5V RAB = 10kΩ 5 µs VDD = 5V/DIV VW = 1V/DIV Figure 22. Power-Up Settling Time, after Fuses Blown Rev. PrC | Page 9 of 20 Preliminary Technical Data |