Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC9529A Fiches technique(PDF) 1 Page - E-CMOS Corporation

No de pièce EC9529A
Description  Lithium Battery Protection Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9529A Fiches technique(HTML) 1 Page - E-CMOS Corporation

  EC9529A Datasheet HTML 1Page - E-CMOS Corporation EC9529A Datasheet HTML 2Page - E-CMOS Corporation EC9529A Datasheet HTML 3Page - E-CMOS Corporation EC9529A Datasheet HTML 4Page - E-CMOS Corporation EC9529A Datasheet HTML 5Page - E-CMOS Corporation EC9529A Datasheet HTML 6Page - E-CMOS Corporation EC9529A Datasheet HTML 7Page - E-CMOS Corporation EC9529A Datasheet HTML 8Page - E-CMOS Corporation EC9529A Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EC9529A
Lithium Battery Protection
Integrated Circuit
E-CMOS Corp. (www.ecmos.com.tw)
5L16N-Rev. F003
1/10
..
General Description
The EC9529A series is a highly integrated solution for lithium- ion/polymer battery protection. It contains
advanced power MOSFET,
high-accuracy
voltage
detection
circuits
and
delay
circuits. EC9529A is
performed in ultra- compact SOT23-5 package and only one external component required, making it an
ideal solution in limited space of battery pack. EC9529A has all the protection functions required in the
battery application including over- charging, over- discharging, over-current and load short circuiting protection
etc. The accurate over- charging detection voltage ensures safe and full utilization charging. The low
stand- by current drains little current from the cell while storage. The device is not only targeting digital
cellular phones, but also for any other Li-Ion and Li-Poly battery-powered information appliances
requiring long- term battery life
Features
● Protection of Charger Reverse Connection
● Protection of Battery Cell Reverse Connection
● Integrates Advanced Power MOSFET
● Ultra- compact SOT23-5 Package
● Only One External Capacitor Required
● Over-temperature Protection
● Overcharge Current Protection
● Two-step Overcurrent Detection:
-- Over- discharge Current
-- Load Short- Circuiting
● Charger Detection Function
● 0V Battery Charging Function
● Delay Times are generated inside
● High-accuracy Voltage Detection
● Low Current Consumption
- Operation Mode: 2.8µA typ.
- Power- down Mode:1.5µA typ.
● RoHS Compliant and Lead (Pb) Free
Applications
● One-Cell Lithium-ion Battery Pack
● Lithium-Polymer Battery Pack


Numéro de pièce similaire - EC9529A

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
EC9522T ETC2-EC9522T Datasheet
74Kb / 8P
LI-ION PROTECTION IC
EC9522T003 ETC2-EC9522T003 Datasheet
74Kb / 8P
LI-ION PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
EC9523NNB3R E-CMOS-EC9523NNB3R Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
List of Unclassifed Man...
EC9525 ETC1-EC9525 Datasheet
154Kb / 9P
LI-ION PROTECTION IC WITH POWER MOS
More results

Description similaire - EC9529A

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
Single Cell Lithium-Ion Battery Protection Circuit
logo
ON Semiconductor
NCP802 ONSEMI-NCP802 Datasheet
125Kb / 23P
Highly Integrated Lithium Battery Protection Circuit for One Cell Battery Packs
September, 2004 ??Rev. 10
logo
Texas Instruments
UCC3958-1 TI-UCC3958-1 Datasheet
262Kb / 8P
Single Cell Lithium-Ion Battery Protection Circuit
logo
Motorola, Inc
MC33346 MOTOROLA-MC33346 Datasheet
108Kb / 3P
LITHIUM BATTERY PROTECTION CIRCUIT PROTECTION CIRCUIT THREE OR FOUR CELL SMART BATTERY PACKS
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
SHENZHEN FUMAN ELECTRON...
DW01KA FUMAN-DW01KA Datasheet
487Kb / 9P
Lithium battery protection circuit
logo
Shenzhen Huazhimei Semi...
DW01KA HMSEMI-DW01KA Datasheet
386Kb / 8P
Single lithium battery protection circuit
HM5432 HMSEMI-HM5432 Datasheet
766Kb / 11P
Lithium battery protection circuit
HM5462MR HMSEMI-HM5462MR Datasheet
704Kb / 10P
Internal integrated RC, built-in MOSFET lithium battery protection circuit
HM9901A HMSEMI-HM9901A Datasheet
1Mb / 11P
Lithium battery protection circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com