Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC9529A Fiches technique(PDF) 6 Page - E-CMOS Corporation

No de pièce EC9529A
Description  Lithium Battery Protection Integrated Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC9529A Fiches technique(HTML) 6 Page - E-CMOS Corporation

Back Button EC9529A Datasheet HTML 2Page - E-CMOS Corporation EC9529A Datasheet HTML 3Page - E-CMOS Corporation EC9529A Datasheet HTML 4Page - E-CMOS Corporation EC9529A Datasheet HTML 5Page - E-CMOS Corporation EC9529A Datasheet HTML 6Page - E-CMOS Corporation EC9529A Datasheet HTML 7Page - E-CMOS Corporation EC9529A Datasheet HTML 8Page - E-CMOS Corporation EC9529A Datasheet HTML 9Page - E-CMOS Corporation EC9529A Datasheet HTML 10Page - E-CMOS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
EC9529A
Lithium Battery Protection
Integrated Circuit
E-CMOS Corp. (www.ecmos.com.tw)
5L16N-Rev. F003
6/10
Overcurrent Condition
When the discharging current becomes equal to or higher than a specified value (the VM pin voltage is equal to
or higher than the overcurrent detection voltage) during discharging under normal condition and the state
continues for the overcurrent detection delay time or longer, the EC9529A turns off the discharging
control FET to stop discharging. This condition is called overcurrent condition. (The overcurrent includes
overcurrent, or load short-circuiting.) The VM and GND pins are shorted internally by the RVMS resistor
under the overcurrent condition. When a load is connected, the VM pin voltage equals the VDD voltage
due to the load. The overcurrent condition returns to the normal condition when the load is released and the
impedance between the B+ and B- pins becomes higher than the automatic recoverable impedance.
When the load is removed, the VM pin goes back to the GND potential since the VM pin is shorted the GND pin
with the RVMS resistor. Detecting that the VM pin potential is lower than the overcurrent detection voltage
(VIOV1), the IC returns to the normal condition.
Abnormal Charge Current Detection
If the VM pin voltage drops below the charger detection voltage (VCHA) during charging under the normal
condition and it continues for the overcharge detection delay time (tCU) or longer, the EC9529A turns
the charging control FET off and stops charging. This action is called abnormal charge current detection.
Abnormal charge current detection works when the discharging control FET is on and the VM pin voltage
drops below the charger detection voltage (VCHA). When an abnormal charge current flows into a
battery in the over-discharge condition, the EC9529A consequently turns the charging control FET off
and
stops
charging
after
the
battery
voltage becomes the over-discharge detection voltage and the
overcharge detection delay time (tCU) elapses. Abnormal charge current detection is released when the voltage
difference between VM pin and GND pin becomes lower than the charger detection voltage (VCHA) by
separating the charger. Since the 0 V battery charging function has higher priority than the abnormal charge
current detection function, abnormal charge current may not be detected by the product with the 0 V battery
charging function while the battery voltage is low.
Load Short-circuiting condition
If voltage of VM pin is equal or below short circuiting protection voltage (VSHORT), the EC9529A will stop
discharging and battery is disconnected from load. The maximum delay time to switch current off is tSHORT.
This status is released when voltage of VM pin is higher than short protection voltage (VSHORT), such as when
disconnecting the load.
0V Battery Charging Function
This function enables the charging of a connected battery whose voltage is 0 V by self-discharge. When a
charger having 0 V battery start charging charger voltage (V0CHA) or higher is connected between B+ and B-
pins, the charging control FET gate is fixed to VDD potential. When the voltage between the gate and
the source of the charging control FET becomes equal to or higher than the turn-on voltage by the charger
voltage, the charging control FET is turned on to start charging. At this time, the discharging control FET is
off and the charging current flows through the internal parasitic diode in the discharging control FET. If
the battery voltage becomes equal to or higher than the over-discharge release voltage (VDU), the
normal condition returns.
Note:
(1) Some battery providers do not recommend charging of completely discharged batteries. Please refer
to battery providers before the selection of 0 V battery charging function.
(2)
The
0V
battery
charging
function
has
higher
priority
than
the
abnormal
charge
current
detection
function. Consequently, a product with the 0 V battery charging function charges a battery and
abnormal charge current cannot be detected during the battery voltage is low (at most 1.8 V or lower).
(3) When a battery is connected to the IC for the first time, the IC may not enter the normal
condition in which discharging is possible.
In this case, set the VM pin voltage equal to the GND voltage
(short the VM and GND pins or connect a charger) to enter the normal condition.



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com