Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECT25S40LP1CR Fiches technique(PDF) 37 Page - E-CMOS Corporation

No de pièce ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Fiches technique(HTML) 37 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 33Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 34Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 35Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 36Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 37Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 38Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 39Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 40Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 41Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 37 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Power-up Timing
Figure 34. Power-up Timing and Voltage Levels
Symbol
Parameter
Min
Max
Unit
tVSL
VCC(min) To /CS Low
10
us
tPUW
Time Delay From VCC(min) To Write Instruction
1
10
ms
VWI
Write Inhibit Voltage VCC(min)
1
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46