Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECT25S40LP1CR Fiches technique(PDF) 12 Page - E-CMOS Corporation

No de pièce ECT25S40LP1CR
Description  4M BIT SPI NOR FLASH
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S40LP1CR Fiches technique(HTML) 12 Page - E-CMOS Corporation

Back Button ECT25S40LP1CR Datasheet HTML 8Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 9Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 10Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 11Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 12Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 13Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 14Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 15Page - E-CMOS Corporation ECT25S40LP1CR Datasheet HTML 16Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 12 of 46
4L08N-Rev.F001
ECT25S40
4M BIT SPI NOR FLASH
Table 7.Status Register Memory Protection (CMP=1)
Device Identification
Three legacy Instructions are supported to access device identification that can indicate the manufacturer,
device type, and capacity (density). The returned data bytes provide the information as shown in the below
table.
Table 8. ECT25S40ID Definition table
Operation Code
M7-M0
ID15-ID8
ID7-ID0
9FH
E0
40
13
90H
E0
12
ABH
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46