| Moteur de recherche de fiches techniques de composants électroniques |
|
ECT25S32 Fiches technique(PDF) 37 Page - E-CMOS Corporation |
|
|
|||||||||||||||||||||||||||||
ECT25S32 Fiches technique(HTML) 37 Page - E-CMOS Corporation |
|
37 / 44 page ![]() E-CMOS Corp. (www.ecmos.com.tw) Page 37 of 44 5B10N-Rev.F001 ECT25S32 32M BIT SPI NOR FLASH Power-up Timing Figure 34. Power-up Timing and Voltage Levels Symbol Parameter Min Max Unit tVSL VCC(min) To /CS Low 10 us tPUW Time Delay From VCC(min) To Write Instruction 1 10 ms VWI Write Inhibit Voltage VCC(min) 1 2.5 V |