Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ECT25S32 Fiches technique(PDF) 21 Page - E-CMOS Corporation

No de pièce ECT25S32
Description  32M BIT SPI NOR FLASH
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

ECT25S32 Fiches technique(HTML) 21 Page - E-CMOS Corporation

Back Button ECT25S32 Datasheet HTML 17Page - E-CMOS Corporation ECT25S32 Datasheet HTML 18Page - E-CMOS Corporation ECT25S32 Datasheet HTML 19Page - E-CMOS Corporation ECT25S32 Datasheet HTML 20Page - E-CMOS Corporation ECT25S32 Datasheet HTML 21Page - E-CMOS Corporation ECT25S32 Datasheet HTML 22Page - E-CMOS Corporation ECT25S32 Datasheet HTML 23Page - E-CMOS Corporation ECT25S32 Datasheet HTML 24Page - E-CMOS Corporation ECT25S32 Datasheet HTML 25Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
E-CMOS Corp. (www.ecmos.com.tw)
Page 21 of 44
5B10N-Rev.F001
ECT25S32
32M BIT SPI NOR FLASH
Figure 14. Dual I/O Fast Read Sequence Diagram (M7-0= 0XH or not AXH)
Dual I/O Fast Read with “Continuous Read Mode”
See Figure 15, the Dual I/O Fast Read instruction can further reduce instruction overhead
Through
setting the “Continuous Read Mode” bits (M7-0) after the input 3-byte address
(A23-A0). If the“
Continuous Read Mode” bits (M7-0) =AXH, then the next Dual
I/O Fast Read instruction (after /CS is raised and then lowered) does not require the BBH
instruction code. If the
“Continuous Read Mode” bits (M7-0) are any value other than AXH, the
next instruction requires the first BBH instruction code, thus returning to normal operation. A
“Continuous Read Mode” Reset instruction can be used to reset (M7-0) before issuing normal
instruction.
Figure 15. Dual I/O Fast Read Sequence Diagram (M7-0= AXH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44