Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC5721 Fiches technique(PDF) 4 Page - E-CMOS Corporation

No de pièce EC5721
Description  1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5721 Fiches technique(HTML) 4 Page - E-CMOS Corporation

  EC5721 Datasheet HTML 1Page - E-CMOS Corporation EC5721 Datasheet HTML 2Page - E-CMOS Corporation EC5721 Datasheet HTML 3Page - E-CMOS Corporation EC5721 Datasheet HTML 4Page - E-CMOS Corporation EC5721 Datasheet HTML 5Page - E-CMOS Corporation EC5721 Datasheet HTML 6Page - E-CMOS Corporation EC5721 Datasheet HTML 7Page - E-CMOS Corporation EC5721 Datasheet HTML 8Page - E-CMOS Corporation EC5721 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5721
E-CMOS Corp. (www.ecmos.com.tw)
3L23N-Rev.P001
Page 4 of 13
Differential amplifier
The differential amplifier allows the subtraction of two input voltages or cancellation of a signal common the two
inputs. It is useful as a computational amplifier in making a differential to single-end conversion or in rejecting a
common mode signal. Figure 4. shown the differential amplifier using EC5721.
Figure 4. Differential Amplifier
If the resistor ratios are equal (i.e. R1=R3 and R2=R4), then
Instrumentation Amplifier
The input impedance of the previous differential amplifier is set by the resistors R1, R2, R3, and R4. To maintain the
high input impedance, one can use a voltage follower in front of each input as shown in the following two
instrumentation amplifiers.
Three-Op-Amp Instrumentation Amplifier
The triple EC5721 can be used to build a three-op-amp instrumentation amplifier as shown in Figure 5.
Figure 5. Three-Op-Amp Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13