Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EC5721 Fiches technique(PDF) 5 Page - E-CMOS Corporation

No de pièce EC5721
Description  1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-CMOS [E-CMOS Corporation]
Site Internet  http://www.ecmos.com.tw/
Logo E-CMOS - E-CMOS Corporation

EC5721 Fiches technique(HTML) 5 Page - E-CMOS Corporation

  EC5721 Datasheet HTML 1Page - E-CMOS Corporation EC5721 Datasheet HTML 2Page - E-CMOS Corporation EC5721 Datasheet HTML 3Page - E-CMOS Corporation EC5721 Datasheet HTML 4Page - E-CMOS Corporation EC5721 Datasheet HTML 5Page - E-CMOS Corporation EC5721 Datasheet HTML 6Page - E-CMOS Corporation EC5721 Datasheet HTML 7Page - E-CMOS Corporation EC5721 Datasheet HTML 8Page - E-CMOS Corporation EC5721 Datasheet HTML 9Page - E-CMOS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
1MHz, Low Power, CMOS,
Rail-to-Rail Operational Amplifier
EC5721
E-CMOS Corp. (www.ecmos.com.tw)
3L23N-Rev.P001
Page 5 of 13
The amplifier in Figure 5 is a high input impedance differential amplifier with gain of R2/R1. The two differential
voltage followers assure the high input impedance of the amplifier.
Two-Op-Amp Instrumentation Amplifier
EC5721 can also be used to make a high input impedance two-op-amp instrumentation amplifier as shown in
Figure 6.
Figure 6. Two-Op-Amp Instrumentation Amplifier
Where R1=R3 and R2=R4. If all resistors are equal, then Vo=2(VIP-VIN)
Single-Supply Inverting Amplifier
The inverting amplifier is shown in Figure 6. The capacitor C1 is used to block the DC signal going into the AC
signal source VIN.The value of R1 and C1 set the cut-
off frequency to ƒ
C=1/(2πR1C1). The DC gain is defined
by VOUT=-(R2/R1)VIN
Figure 7. Single Supply Inverting Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13