Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS8607 Fiches technique(PDF) 3 Page - Humirel

No de pièce MS8607
Description  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUMIREL [Humirel]
Site Internet  http://www.humirel.com
Logo HUMIREL - Humirel

MS8607 Fiches technique(HTML) 3 Page - Humirel

  MS8607 Datasheet HTML 1Page - Humirel MS8607 Datasheet HTML 2Page - Humirel MS8607 Datasheet HTML 3Page - Humirel MS8607 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MEAS MS8607 DCS FOR ZedBoard
Digital Pressure and Humudity Sensor
SENSOR SOLUTIONS /// MEAS MS8607 DCS DEVELOPMENT KIT
07/2016
Page 3
USB-to-microUSB cable for UART communications
A computer with a card reader to write to the SD card and to host a terminal emulator
The following steps will guide you through setting up the hardware platform:
1. First, if you have not connected your computer to a ZedBoard or MicroZed device before, you will likely need to download
and install the Silicon Labs CP2104 USB-to_UART driver. The setup guide for installing the driver can be found at the
address below: http://www.zedboard.org/sites/default/files/documentations/CP210x_Setup_Guide_1_2.pdf
2. Next, attach the SD card to your computer via a card reader or through the built-
in SD card slot. Download the “boot.bin”
file that pertains to the MS5637 from the software link and copy it onto the SD card so that it is the only file present on the
file system.
3. Safely eject the SD card from your computer. Insert the SD card into the card slot on the back of the ZedBoard.
4. Connect the MS8607 digital pressure s
ensor to the “JC” Digilent Pmod™ port of the ZedBoard (1), ensure that jumpers
JP7, JP8, JP9, JP10, and JP11 are configured such that the ZedBoard will boot from the SD card on start-up (2), and
1
2
3
4
2
ZedBoard, MicroZed and Digilent Pmod
™ are trademarks.



Html Pages

1 2 3 4