Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MS8607 Fiches technique(PDF) 4 Page - Humirel

No de pièce MS8607
Description  Digital Pressure and Humidity Sensor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUMIREL [Humirel]
Site Internet  http://www.humirel.com
Logo HUMIREL - Humirel

MS8607 Fiches technique(HTML) 4 Page - Humirel

  MS8607 Datasheet HTML 1Page - Humirel MS8607 Datasheet HTML 2Page - Humirel MS8607 Datasheet HTML 3Page - Humirel MS8607 Datasheet HTML 4Page - Humirel  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MEAS MS8607 DCS FOR ZedBoard
Digital Pressure and Humudity Sensor
SENSOR SOLUTIONS /// MEAS MS8607 DCS DEVELOPMENT KIT
07/2016
Page 4
connect the power adapter to the barrel jack on the ZedBoard (3). Finally connect the micro-USB cable to the micro-USB
port of the ZedBoard that is labeled
“UART” (4). The USB cable will facilitate UART transmissions for the console
application.
5. Turn on the power to the board with the switch next to the barrel jack. When the board powers up, the ZedBoard will
illuminate a green power LED. After close to 30 seconds, the FPGA will be successfully programmed by the boot image
on the SD card and a blue “Done” LED will illuminate on the ZedBoard. Your hardware should appear as shown below. If
the board was powered on before this step, turn the power off and repeat this step.
ZedBoard and Digilent Pmod
™ are trademarks.



Html Pages

1 2 3 4