| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8775 Fiches technique(PDF) 3 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8775 Fiches technique(HTML) 3 Page - Wolfson Microelectronics plc |
|
3 / 36 page ![]() Product Preview WM8775 w PP Rev 1.8, June 2004 3 PIN CONFIGURATION AVDD VMIDADC AGND AINOPL AINVGL AINVGR AIN1R AIN4L AIN3R AIN3L AIN2R AIN2L AIN1L AIN4R BCLK ADCLRC DOUT MCLK CE 1 9 8 7 6 5 4 3 2 11 10 13 14 15 16 17 18 19 28 27 26 25 ADCREFGND CL MODE 12 20 21 22 23 24 DI ADCREFP DGND DVDD AINOPR NC ORDERING INFORMATION DEVICE TEMP. RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMP WM8775EDS -25 to +85 oC 28-pin SSOP MSL1 240 °C WM8775EDS/R -25 to +85 oC 28-pin SSOP (tape and reel) MSL1 240 °C WM8775SEDS -25 to +85 oC 28-pin SSOP (lead free) MSL1 260 °C WM8775SEDS/R -25 to +85 oC 28-pin SSOP (lead free, tape and reel) MSL1 260 °C Note: Reel quantity = 2,000 |