| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC7457 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC7457 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc |
|
3 / 68 page ![]() MPC7457 RISC Microprocessor Hardware Specifications, Rev. 5 Freescale Semiconductor 3 Features The memory storage subsystem supports the MPX bus protocol and a subset of the 60x bus protocol to main memory and other system resources. The L3 interface supports 1, 2, or 4 Mbytes of external SRAM for L3 cache and/or private memory data. For systems implementing 4 Mbytes of SRAM, a maximum of 2 Mbytes may be used as cache; the remaining 2 Mbytes must be private memory. Note that the MPC7457 is a footprint-compatible, drop-in replacement in a MPC7455 application if the core power supply is 1.3 V. 2Features This section summarizes features of the MPC7457 implementation of the PowerPC architecture. Major features of the MPC7457 are as follows: • High-performance, superscalar microprocessor — As many as four instructions can be fetched from the instruction cache at a time. — As many as three instructions can be dispatched to the issue queues at a time. — As many as 12 instructions can be in the instruction queue (IQ). — As many as 16 instructions can be at some stage of execution simultaneously. — Single-cycle execution for most instructions — One instruction per clock cycle throughput for most instructions — Seven-stage pipeline control • Eleven independent execution units and three register files — Branch processing unit (BPU) features static and dynamic branch prediction – 128-entry (32-set, four-way set associative) branch target instruction cache (BTIC), a cache of branch instructions that have been encountered in branch/loop code sequences. If a target instruction is in the BTIC, it is fetched into the instruction queue a cycle sooner than it can be made available from the instruction cache. Typically, a fetch that hits the BTIC provides the first four instructions in the target stream. – 2048-entry branch history (BHT) with 2 bits per entry for 4 levels of prediction—not-taken, strongly not-taken, taken, and strongly taken – Up to three outstanding speculative branches – Branch instructions that do not update the count register (CTR) or link register (LR) are often removed from the instruction stream. – Eight-entry link register stack to predict the target address of Branch Conditional to Link Register (bclr) instructions — Four integer units (IUs) that share 32 GPRs for integer operands – Three identical IUs (IU1a, IU1b, and IU1c) can execute all integer instructions except multiply, divide, and move to/from special-purpose register instructions – IU2 executes miscellaneous instructions including the CR logical operations, integer multiplication and division instructions, and move to/from special-purpose register instructions — Five-stage FPU and a 32-entry FPR file – Fully IEEE 754-1985 compliant FPU for both single- and double-precision operations – Supports non-IEEE mode for time-critical operations |