Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC7450EC Fiches technique(PDF) 23 Page - Motorola, Inc

No de pièce MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Fiches technique(HTML) 23 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc MPC7450EC Datasheet HTML 21Page - Motorola, Inc MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc MPC7450EC Datasheet HTML 24Page - Motorola, Inc MPC7450EC Datasheet HTML 25Page - Motorola, Inc MPC7450EC Datasheet HTML 26Page - Motorola, Inc MPC7450EC Datasheet HTML 27Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
23
Electrical and Thermal Characteristics
Figure 9 shows the typical connection diagram for the MPC7450 interfaced to MSUG2 SRAMs such as the
Motorola MCM64E836.
Figure 9. Typical Source Synchronous 2-Mbyte L3 Cache DDR Interface
{L3DATA[0:15],
{L3DATA[16:31],
{L3_DATA[32:47],
L3ADDR[0:17]
L3_CNTL[0]
L3_CLK[0]
L3_CLK[1]
L3_ECHO_CLK[0]
L3_ECHO_CLK[1]
L3ECHO_CLK[2]
L3_ECHO_CLK[3]
{L3DATA[48:63],
L3DP[0:1]}
L3DP[2:3]}
L3DP[4:5]}
L3DP[6:7]}
CQ
SA[0:17]
CK
B1
B2
SRAM 0
SRAM 1
CQ
D[0:17]
D[18:35]
CQ
SA[0:17]
CK
B1
B2
CQ
D[0:17]
D[18:35]
L3_CNTL[1]
NC
NC
GND
GND
GND
NC
NC
GND
GND
GND
MPC7450
Denotes
Receive (SRAM
to MPC7450)
Aligned Signals
Denotes
Transmit
(MPC7450 to
SRAM)
Aligned Signals
GVDD/2
GVDD/2
CQ
CK
B3
G
CQ
LBO
CQ
CK
B3
G
CQ
LBO
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52