Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A42180-R Fiches technique(PDF) 32 Page - Seoul Semiconductor

No de pièce A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Fiches technique(HTML) 32 Page - Seoul Semiconductor

Back Button A42180-R Datasheet HTML 24Page - Seoul Semiconductor A42180-R Datasheet HTML 25Page - Seoul Semiconductor A42180-R Datasheet HTML 26Page - Seoul Semiconductor A42180-R Datasheet HTML 27Page - Seoul Semiconductor A42180-R Datasheet HTML 28Page - Seoul Semiconductor A42180-R Datasheet HTML 29Page - Seoul Semiconductor A42180-R Datasheet HTML 30Page - Seoul Semiconductor A42180-R Datasheet HTML 31Page - Seoul Semiconductor A42180-R Datasheet HTML 32Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
32
Document No. : SSC-QP-7-07-24 (Rev.00)
Z-Power LED is encapsulated by silicone resin for the highest flux efficiency.
Notes for handling of Silicone resin Z-Power LEDs
• Avoid touching silicone resin parts especially by sharp tools such as Pincette(Tweezers)
• Avoid leaving fingerprints on silicone resin parts.
• Dust sensitivity silicone resin need containers having cover for storage.
• When populating boards in SMT production, there are basically no restrictions
regarding the form of the pick and place nozzle, except that mechanical pressure on
the surface of the resin must be prevent.
• Please do not force over 2000 gf impact or pressure diagonally on the silicon lens.
It will cause fatal damage of this product
• Please do not recommend to cover the silicone resin of the LEDs with other resin
(epoxy, urethane, etc)
Handling of Silicone resin LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32