Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A42180-R Fiches technique(PDF) 2 Page - Seoul Semiconductor

No de pièce A42180-R
Description  Full Code of Z-Power LED Series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEOUL [Seoul Semiconductor]
Site Internet  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

A42180-R Fiches technique(HTML) 2 Page - Seoul Semiconductor

  A42180-R Datasheet HTML 1Page - Seoul Semiconductor A42180-R Datasheet HTML 2Page - Seoul Semiconductor A42180-R Datasheet HTML 3Page - Seoul Semiconductor A42180-R Datasheet HTML 4Page - Seoul Semiconductor A42180-R Datasheet HTML 5Page - Seoul Semiconductor A42180-R Datasheet HTML 6Page - Seoul Semiconductor A42180-R Datasheet HTML 7Page - Seoul Semiconductor A42180-R Datasheet HTML 8Page - Seoul Semiconductor A42180-R Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Rev. 10
Rev. 10
February. 2011
February. 2011
www.acriche.com
www.acriche.com
2
Document No. : SSC-QP-7-07-24 (Rev.00)
Full code form : X1 X2 X3 X4 X5 X6 X7 –X8 X9 –X10 X11 X12 X13X14
1. Part Number
-X1 : Color
-X2 : Z-Power LED series number
-X3 : LENS type
-X4 : Chip quantity (or Power Dissipation)
-X5 : Package outline size
-X6 : Type of PCB
-X7 : Grade of characteristic code
2. Internal Number
-X8, X9 : Revision No.
3. Code Labeling
-X10 : Luminous flux (or Radiant flux for royal blue)
-X11 X12 X13 : Dominant wavelength (or x,y coordinates rank code)
-X14 : Forward voltage
4. Sticker Diagram on Reel & Aluminum Vinyl Bag
For more information about binning and labeling, refer to the Application Note -1
LOT NUMBER : XXXXXXXXXX-XXX-XXX-XXXXXXX
QUANTITY : 500
RANK :
X10X11X12X13X14
X1X2X3X4X5X6X7-X8X9
SSC PART NUMBER : XXXXXXX-XX
Full Code of Z-Power LED Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32