Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC908AP16CFB Fiches technique(PDF) 97 Page - Motorola, Inc

No de pièce MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Fiches technique(HTML) 97 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 93Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 96Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 97Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 98Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 99Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 100Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 440 page
background image
Oscillator (OSC)
I/O Signals
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
97
Figure 7-6. Crystal Oscillator
The series resistor (R
S) is included in the diagram to follow strict Pierce
oscillator guidelines and may not be required for all ranges of operation,
especially with high frequency crystals. Refer to the crystal
manufacturer’s data for more information.
7.6 I/O Signals
The following paragraphs describe the oscillator I/O signals.
7.6.1 Crystal Amplifier Input Pin (OSC1)
OSC1 pin is an input to the crystal oscillator amplifier or the input to the
RC oscillator circuit.
C1
C2
RB
X1
R
S
MCU
OSC2
OSC1
See Section 24. for component value requirements.
SIMOSCEN
From SIM
STOP_XCLKEN
CONFIG2
XCLK
To Clock Selection MUX
32.768kHz
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More