Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC908AP16CFB Fiches technique(PDF) 91 Page - Motorola, Inc

No de pièce MC68HC908AP16CFB
Description  Microcontrollers
PDF  440 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68HC908AP16CFB Fiches technique(HTML) 91 Page - Motorola, Inc

Back Button MC68HC908AP16CFB Datasheet HTML 87Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 88Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 89Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 90Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 91Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 92Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 93Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 94Page - Motorola, Inc MC68HC908AP16CFB Datasheet HTML 95Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 440 page
background image
MC68HC908AP Family — Rev. 2.5
Data Sheet
MOTOROLA
91
Data Sheet – MC68HC908AP Family
Section 7. Oscillator (OSC)
7.1 Introduction
The oscillator module consist of three types of oscillator circuits:
•
Internal oscillator
•
RC oscillator
•
32.768kHz crystal (x-tal) oscillator
The reference clock for the CGM and other MCU sub-systems is
selected by programming the mask option register located at $FFCF.
The reference clock for the timebase module (TBM) is selected by the
two bits, OSCCLK1 and OSCCLK0, in the CONFIG2 register.
The internal oscillator runs continuously after a POR or reset, and is
always available. The RC and crystal oscillator cannot run concurrently;
one is disabled while the other is selected; because the RC and x-tal
circuits share the same OSC1 pin.
NOTE:
The oscillator circuits are powered by the on-chip VREG regulator,
therefore, the output swing on OSC1 and OSC2 is from VSS to VREG.
Figure 7-1. shows the block diagram of the oscillator module.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More