| Moteur de recherche de fiches techniques de composants électroniques |
|
IRCC Fiches technique(PDF) 17 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
IRCC Fiches technique(HTML) 17 Page - SMSC Corporation |
|
17 / 79 page ![]() 17 PARAMETER MIN TYP MAX UNITS t1 Modulated Output Bit Time µs t2 Off Bit Time µs t3 Modulated Output “On” 0.8 1 1.2 µs t4 Modulated Output “Off” 0.8 1 1.2 µs t5 Modulated Output “On” 0.8 1 1.2 µs t6 Modulated Output “Off” 0.8 1 1.2 µs NOTES: 1. IRTX: CRC Bit 1: 1 = XMIT active low nIRTX: CRC Bit 1: 0 = XMIT active high (default) MIRTX, nMIRTX are the modulated outputs. t1 t2 t3 t4 t5 t6 01 0 1 0 0 1 1 0 1 1 DATA IRTX nIRTX MIRTX nMIRTX FIGURE 9 - AMPLITUDE SHIFT KEYED IR TRANSMIT TIMING |