Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA02 Fiches technique(PDF) 3 Page - Taoglas antenna solutions

No de pièce LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Fiches technique(HTML) 3 Page - Taoglas antenna solutions

  LA02 Datasheet HTML 1Page - Taoglas antenna solutions LA02 Datasheet HTML 2Page - Taoglas antenna solutions LA02 Datasheet HTML 3Page - Taoglas antenna solutions LA02 Datasheet HTML 4Page - Taoglas antenna solutions LA02 Datasheet HTML 5Page - Taoglas antenna solutions LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SPE-15-8-040/B/WY
Page 3 of 20
For example, a module manufacturer may state that the antenna must have less than 2dBi
peak gain, but you don’t need to select an embedded antenna that has a peak gain of less
than 2dBi in free-space. This will give you a less optimized solution. It is better to go for a
slightly higher free-space peak gain of 3dBi or more if available. Once that antenna gets
integrated into your device, performance will degrade below this 2dBi peak gain due to the
effects of GND plane, surrounding components, and device housing. If you want to be
absolutely sure, contact Taoglas and we will test. Choosing a Taoglas antenna with a higher
peak gain than what is specified by the module manufacturer and enlisting our help will
ensure you are getting the best performance possible without exceeding the peak gain limits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20