Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA02 Fiches technique(PDF) 10 Page - Taoglas antenna solutions

No de pièce LA02
Description  2.4GHz Embedded Loop Chip Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

LA02 Fiches technique(HTML) 10 Page - Taoglas antenna solutions

Back Button LA02 Datasheet HTML 6Page - Taoglas antenna solutions LA02 Datasheet HTML 7Page - Taoglas antenna solutions LA02 Datasheet HTML 8Page - Taoglas antenna solutions LA02 Datasheet HTML 9Page - Taoglas antenna solutions LA02 Datasheet HTML 10Page - Taoglas antenna solutions LA02 Datasheet HTML 11Page - Taoglas antenna solutions LA02 Datasheet HTML 12Page - Taoglas antenna solutions LA02 Datasheet HTML 13Page - Taoglas antenna solutions LA02 Datasheet HTML 14Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SPE-15-8-040/B/WY
Page 10 of 20
5. Layout Guide (Unit: mm)
Land pattern for soldering (grey marking areas) is as shown below. A matching circuit similar
to the one shown in section 5.5 is also required.
5.1 Top Copper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20