| Moteur de recherche de fiches techniques de composants électroniques |
|
AMBE2000 Fiches technique(PDF) 46 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 Fiches technique(HTML) 46 Page - List of Unclassifed Manufacturers |
|
46 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 46 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change History of Revisions Revision Number Date of Revision Description Pages 1.0 November 1999 Initial Version Pin descriptions 11-12 Serial Configuration Selection 19 Channel Serial Interface Pin Descriptions 20 1.1 April 2000 Table 6-A CODEC_SEL[1-0]: A/D- D/A Hardware Configuration Values 35 Deleted the word parallel 9 1.2 May 2000 Table 5-N Control Word Format: Removed VAD in bit 5. This is not used as an output. 32 1.3 August 2000 Added Application note for AD 73311AR 43 Clarification on VAD 28 Expanded Description of Control Word 1 29 Table 5-M added DTMF Code 0xff 32 1.4 October 2000 Channel and Codec Timing Diagrams and Tables 21, 22, 36, 37 1.5 November 2000 Added Note describing H 22, 37 2.0 January 2001 Clarified/corrected the following pages. 10, 11, 13, 14, 16,17, 18, 20, 21, 22, 23, 27, 28, 29, 32, 34, 35, 36, 40 |