| Moteur de recherche de fiches techniques de composants électroniques |
|
AMBE2000 Fiches technique(PDF) 27 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AMBE2000 Fiches technique(HTML) 27 Page - List of Unclassifed Manufacturers |
|
27 / 47 page ![]() AMBE-2000™ Vocoder Chip User’s Manual Version 3.0 page 27 Visit us at www.dvsinc.com Confidential Proprietary, Subject to Change Table 5-D Rate Selection Using Rate Info 0-4, AMBE-2000™ only Rate Info 0 Rate Info 1 Rate Info 2 Rate Info 3 Rate Info 4 Speech Rate (bps) FEC Rate (bps) Total Rate (bps) 0x0028 0x0000 0x0000 0x0000 0x6428 2000 0 2000 0x5048 0x0000 0x0000 0x0000 0x3948 3600 0 3600 0x5250 0x0000 0x0000 0x0000 0x4150 4000 0 0x1030 0x0001 0x0000 0x341a 0x6750 2400 1600 4000 0x5360 0x0000 0x0000 0x0000 0x6c60 4800 0 0x5250 0x2010 0x0000 0x0000 0x7460 4000 800 0x5048 0x0001 0x0000 0x2412 0x6860 3600 1200 0x1030 0x0005 0x180c 0x3018 0x7360 2400 2400 4800 0x6b80 0x0000 0x0000 0x0000 0x6c80 6400 0 0x5250 0x0001 0x0000 0x542a 0x5280 4000 2400 6400 0x5258 0x0009 0x1e0c 0x4127 0x7390 4400 2800 7200 0x7fa0 0x0000 0x0000 0x0000 0x52a0 8000 0 0x5250 0x0005 0x2010 0x6834 0x72a0 4000 4000 8000 0x7fc0 0x0000 0x0000 0x0000 0x69c0 9600 0 0x5048 0x000e 0x4010 0x6a2e 0x65c0 3600 6000 0x1030 0x000e 0x681a 0x511b 0x76c0 2400 7200 9600 5.2.5 Formatted Input : Word 7 : Unused in Input Should be set to 0x0000 5.2.6 Formatted Input : Word 8 : Unused in Input Should be set to 0x0000 5.2.7 Formatted Input : Word 9 : Unused in Input Should be set to 0x0000 5.2.8 Formatted Input : Word 10 :DTMF Control Use this word to set DTMF tones. See Table 5-F for a list of tones and their corresponding values. Table 5-E DTMF Control Format DTMF Control – 16-bits 15: MSB 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0: LSB DTMF Amplitude DTMF Digit Detect/ Generate |