| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8912 Fiches technique(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8912 Fiches technique(HTML) 37 Page - Cirrus Logic |
|
37 / 129 page ![]() Production Data WM8912 w PD, Rev 4.1, February 2013 37 OUTPUT SIGNAL PATH The outputs HPOUTL and LINEOUTL are derived from the Left DAC output, whilst the outputs HPOUTR and LINEOUTR are derived from the Right DAC output, as illustrated in Figure 22. A feedback path for common mode noise rejection is provided at HPOUTFB and LINEOUTFB for the Headphone and Line outputs respectively. This pin must be connected to ground for normal operation. Each analogue output can be separately enabled; independent volume control is also provided for each output. The signal paths and associated control registers are illustrated in Figure 22. Figure 22 Output Signal Path and Control Registers |