| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8912 Fiches technique(PDF) 6 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8912 Fiches technique(HTML) 6 Page - Cirrus Logic |
|
6 / 129 page ![]() WM8912 Production Data w PD, Rev 4.1, February 2013 6 PIN CONFIGURATION The WM8912 is supplied in a 32-pin QFN package. ORDERING INFORMATION DEVICE TEMPERATURE RANGE PACKAGE MOISTURE SENSITIVITY LEVEL PEAK SOLDERING TEMPERATURE WM8912CGEFL/V -40°C to +85°C 32-lead QFN (4x4x0.4mm, lead-free) MSL3 260°C WM8912CGEFL/RV -40°C to +85°C 32-lead QFN (4x4x0.4mm, lead-free, tape and reel) MSL3 260°C Note: Reel quantity = 3,500 |