| Moteur de recherche de fiches techniques de composants électroniques |
|
WM8912 Fiches technique(PDF) 125 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8912 Fiches technique(HTML) 125 Page - Cirrus Logic |
|
125 / 129 page ![]() Production Data WM8912 w PD, Rev 4.1, February 2013 125 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R157 (9Dh) EQ24 15:0 EQ_B5_PG [15:0] 0100_0000 _0000_000 0 EQ Band 5 Coefficient PG Register 9Dh EQ24 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R247 (F7h) FLL NCO Test 0 0 FLL_FRC_NC O 0 FLL Forced control select 0 = Normal 1 = FLL oscillator controlled by FLL_FRC_NCO_VAL (Note that this field is required for free-running FLL modes only) Register F7h FLL NCO Test 0 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION REFER TO R248 (F8h) FLL NCO Test 1 5:0 FLL_FRC_NC O_VAL [5:0] 01_1001 FLL Forced oscillator value Valid range is 000000 to 111111 0x19h (011001) = 12MHz approx (Note that this field is required for free-running FLL modes only) Register F8h FLL NCO Test 1 |