Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86AR72 Fiches technique(PDF) 9 Page - Holtek Semiconductor Inc

No de pièce HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Fiches technique(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 12Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
Pad Coordinates
Unit:
mm
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
1
PA0
-1138.054
2785.633
35
OSC2
1138.850
-2171.224
2
PC3
-1138.629
-1952.576
36
PE6
1138.668
-1669.854
3
PC2
-1138.629
-2055.576
37
INT
1138.668
-1574.854
4
PC1
-1138.629
-2150.576
38
VSS
1138.985
-1432.154
5
PC0
-1138.629
-2253.576
39
PE5
1138.985
-1321.921
6
PD0
-1110.826
-2361.132
40
PE4
1138.985
-1218.921
7
PD1
-1110.826
-2464.132
41
VDD
1138.900
-1110.526
8
PD2
-1110.826
-2559.132
42
XOUT
1138.908
-994.167
9
PD3
-1110.826
-2662.132
43
XIN
1138.908
-891.167
10
VSSA1
-1176.086
-2827.757
44
RES
1138.906
-761.007
11
VDDA1
-968.465
-2785.850
45
PE3
1142.946
2785.633
12
VREF
-873.465
-2785.850
46
PE2
1039.946
2785.633
13
PC4
-770.465
-2785.850
47
PE1
944.946
2785.633
14
NC
-638.243
-2804.019
48
PE0
841.946
2785.633
15
NC
-562.243
-2804.019
49
PD7
746.946
2785.633
16
NC
-486.243
-2804.019
50
PD6
643.946
2785.633
17
NC
-410.243
-2804.019
51
PD5
548.946
2785.633
18
NC
-334.243
-2804.019
52
PD4
445.946
2785.633
19
VSSA
-232.480
-2738.114
53
PB7
350.946
2785.633
20
VDDA
-131.115
-2739.664
54
PB6
247.946
2785.633
21
AUD_OUT
-28.525
-2739.664
55
PB5
152.946
2785.633
22
AUD_IN
120.644
-2718.027
56
PB4
49.946
2785.633
23
VBIAS
223.644
-2718.027
57
PB3
-45.054
2785.633
24
SP+
355.469
-2673.197
58
PB2
-148.054
2785.633
25
VSSM
462.418
-2673.197
59
PB1
-243.054
2785.633
26
VDDM
569.369
-2673.197
60
PB0
-346.054
2785.633
27
VDDM
697.419
-2673.197
61
PA7
-441.054
2785.633
28
VSSM
804.370
-2673.197
62
PA6
-544.054
2785.633
29
SP-
911.319
-2673.197
63
PA5
-639.054
2785.633
30
PC5
1138.900
-2696.357
64
PA4
-742.054
2785.633
31
PC6
1138.900
-2593.357
65
PA3
-837.054
2785.633
32
PC7
1138.900
-2498.357
66
PA2
-940.054
2785.633
33
PE7
1138.900
-2395.357
67
PA1
-1035.054
2785.633
34
OSC1
1138.900
-2274.826
HT86Axx/HT86ARxx
Rev. 1.10
9
December 12, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68