Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT86AR72 Fiches technique(PDF) 7 Page - Holtek Semiconductor Inc

No de pièce HT86AR72
Description  A/D Type Voice 8-Bit MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT86AR72 Fiches technique(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT86AR72 Datasheet HTML 3Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 4Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 5Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 6Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 7Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 8Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 9Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 10Page - Holtek Semiconductor Inc HT86AR72 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
Pad Coordinates
Unit:
mm
Pad No.
Pad Name
X
Y
Pad No.
Pad Name
X
Y
1
PA0
-1139.487
1389.643
35
OSC2
1177.250
-817.231
2
PC3
-1175.862
-556.476
36
PE6
1177.250
-232.827
3
PC2
-1175.862
-659.476
37
INT
1177.250
-137.827
4
PC1
-1175.862
-754.476
38
VSS
1176.567
-27.172
5
PC0
-1175.862
-857.476
39
PE5
1176.567
82.881
6
PD0
-1148.059
-965.628
40
PE4
1176.567
185.881
7
PD1
-1148.059
1068.682
41
VDD
1176.567
289.431
8
PD2
-1148.059
-1163.682
42
XOUT
1176.450
892.351
9
PD3
-1148.059
-1266.682
43
XIN
1176.450
995.351
10
VSSA1
-1213.319
-1433.997
44
RES
1176.450
1090.351
11
VDDA1
-1009.034
-1401.500
45
PE3
1141.513
1389.643
12
VREF
-906.613
-1390.400
46
PE2
1038.513
1389.643
13
PC4
-803.613
-1390.400
47
PE1
943.513
1389.643
14
NC
-671.507
-1258.234
48
PE0
840.513
1389.643
15
NC
-595.507
-1258.234
49
PD7
745.513
1389.643
16
NC
-519.507
-1258.234
50
PD6
642.513
1389.643
17
NC
-443.507
-1258.234
51
PD5
547.513
1389.643
18
NC
-367.507
-1258.234
52
PD4
444.513
1389.643
19
VSSA
-218.317
-1293.409
53
PB7
349.513
1389.643
20
VDDA
-111.217
-1298.409
54
PB6
246.513
1389.643
21
AUD_OUT
10.383
-1327.809
55
PB5
151.513
1389.643
22
AUD_IN
158.311
-1322.577
56
PB4
48.513
1389.643
23
VBIAS
261.311
-1322.577
57
PB3
-46.487
1389.643
24
SP+
393.136
-1277.747
58
PB2
-149.487
1389.643
25
VSSM
500.085
-1277.747
59
PB1
-244.487
1389.643
26
VDDM
607.036
-1277.747
60
PB0
-347.487
1389.643
27
VDDM
735.086
-1277.747
61
PA7
-442.487
1389.643
28
VSSM
842.037
-1277.747
62
PA6
-545.487
1389.643
29
SP-
948.986
-1277.747
63
PA5
-640.487
1389.643
30
PC5
1176.567
-1334.850
64
PA4
-743.487
1389.643
31
PC6
1176.567
-1231.850
65
PA3
-838.487
1389.643
32
PC7
1176.567
-1136.850
66
PA2
-941.487
1389.643
33
PE7
1176.567
-1033.850
67
PA1
-1036.487
1389.643
34
OSC1
1177.250
-916.231
HT86Axx/HT86ARxx
Rev. 1.10
7
December 12, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68