Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSV711ICT Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TSV711ICT
Description  EMI hardened operational amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV711ICT Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TSV711ICT Datasheet HTML 19Page - STMicroelectronics TSV711ICT Datasheet HTML 20Page - STMicroelectronics TSV711ICT Datasheet HTML 21Page - STMicroelectronics TSV711ICT Datasheet HTML 22Page - STMicroelectronics TSV711ICT Datasheet HTML 23Page - STMicroelectronics TSV711ICT Datasheet HTML 24Page - STMicroelectronics TSV711ICT Datasheet HTML 25Page - STMicroelectronics TSV711ICT Datasheet HTML 26Page - STMicroelectronics TSV711ICT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
DocID023707 Rev 2
23/29
TSV711, TSV712, TSV714
Package information
5.2
DFN8 2x2 package information
Figure 24. DFN8 2x2 package mechanical drawing
Table 8. DFN8 2x2 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.70
0.75
0.80
0.028
0.030
0.031
A1
0.00
0.02
0.05
0.000
0.001
0.002
b
0.15
0.20
0.25
0.006
0.008
0.010
D
2.00
0.079
E
2.00
0.079
e
0.50
0.020
L
0.045
0.55
0.65
0.018
0.022
0.026
N8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29