| Moteur de recherche de fiches techniques de composants électroniques |
|
TSV711ICT Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSV711ICT Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 29 page ![]() Package information TSV711, TSV712, TSV714 22/29 DocID023707 Rev 2 5.1 SC70-5 package information Figure 23. SC70-5 package mechanical drawing Table 7. SC70-5 package mechanical data Symbol Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.80 1.10 0.032 0.043 A1 00.10 0.004 A2 0.80 0.90 1.00 0.032 0.035 0.039 b 0.15 0.30 0.006 0.012 c 0.10 0.22 0.004 0.009 D 1.80 2.00 2.20 0.071 0.079 0.087 E 1.80 2.10 2.40 0.071 0.083 0.094 E1 1.15 1.25 1.35 0.045 0.049 0.053 e 0.65 0.025 e1 1.30 0.051 L 0.26 0.36 0.46 0.010 0.014 0.018 < 0° 8° 0° 8° SEATING PLANE GAUGE PLANE DIMENSIONS IN MM SIDE VIEW TOP VIEW COPLANAR LEADS |