| Moteur de recherche de fiches techniques de composants électroniques |
|
ST63T88 Fiches technique(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63T88 Fiches technique(HTML) 56 Page - STMicroelectronics |
|
56 / 82 page ![]() 56/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 ON-SCREEN DISPLAY (Cont’d) OSD Data RAM The contents of the data RAM can be accessed by the ST6388 MCU only when the Global Enable bit (GE) in the Global Enable register is a zero. The first character in every line is the format char- acter. This character is not displayed. It defines the size of the characters in the line and contains the vertical space enable bit. This character also defines the colour, background and display enable for the first word in the line. Subsequent charac- ters are either spaces or one of the 192 available character types. The space character defines the colour, back- ground, display enable and horizontal space ena- ble for the following word. Since there are 8 dis- play lines of 20 characters each, the display RAM must contain 8 lines x (20 characters + 1 format character) or 168 locations. The RAM size is 168 locations x 8bits. The data RAM map is shown in Table 20. Table 20. OSD RAM Map Notes: FT. The format character required for each line. Characters in columns1 through 20 are displayed. Ch. (Byte) Character (Index into OSD character generator) or space character Emulator Remarks There are few differences between emulator and silicon. For noise reasons, the OSD oscillator pins are not available: the internal oscillator can not be disabled and replaced by an external coil. Column 0 1 2 3 4 ... 14 15 16 17 18 19 20 A0 0 1010 ... 0 1 01010 A1 0 0 1 10 ... 1 1 00110 A2 0 0 0 01 ... 1 1 00001 A3 0 0 0 00 ... 1 1 00000 A4 0 0000 ... 0011111 LS1 LS0 A5 LINE 0 0 0 1 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 0 0 1 2 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 0 1 0 3 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 0 1 1 4 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 1 0 0 5 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 1 0 1 6 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 1 1 0 7 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch 1 1 1 8 FT Ch Ch Ch Ch ... Ch Ch Ch Ch Ch Ch Ch AVAILABLE SCREEN SPACE |