| Moteur de recherche de fiches techniques de composants électroniques |
|
ST63T88 Fiches technique(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST63T88 Fiches technique(HTML) 71 Page - STMicroelectronics |
|
71 / 82 page ![]() 71/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 ST63 ROM MICROCONTROLLER FAMILY OPTION LIST Customer ................................................................ Address ................................................................ Contact ................................................................ Phone No ................................................................ Reference ............................................................... ST638X SERIES Device (Put a cross on selected item) : ST6365 [ ] ST6381 [ ] ST6367 [ ] ST6368 [ ] ST6380 [ ] ST6375 [ ] ST6377 [ ] ST6383 [ ] ST6378 [ ] ST6382 [ ] ST6385 [ ] ST6389 [ ] ST6387 [ ] ST6388 [ ] Package [ ] (p) Temperature Range [ ] (t) Special Marking [ ] (y/n) Line 1 ".............." (N) Line 2 ".............." (N) Line 3 ".............." (N) Traceability marking (mandatory) (p) B = Dual in Line Plastic T = Thin Quad Flat (not available on all products) (t) 1 = 0 to +70 C 4 = -10 to +70 C (only for ST6368/78/80/81/82/83/88/89) (N) Letters, digits, ’.’, ’-’, ’/’ and spaces only ST638X OPTION LIST OSD Polarity Options (Put a cross on selected item) : (No option list for ST6380/81/82/83/88/89) POSITIVE NEGATIVE VSYNC, HSYNC [ ] [ ] R,G,B [ ] [ ] BLANK [ ] [ ] ST638X CHECK LIST YES NO ROM CODE [ ] [ ] OSD Code: ODD & EVEN [ ] [ ] For ST6365/67/75/77/85/87 OSD Code: [ ] [ ] For ST6368/78/80/81/82/83/88/89 EEPROM Code (If Desired) [ ] [ ] Only for ST6365/67/75/77/85/87 Notes .................................................................. .................................................................. Signature ................... Date .......... |