| Moteur de recherche de fiches techniques de composants électroniques |
|
ST6389 Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6389 Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 82 page ![]() 6/82 ST6380, ST6381, ST6382, ST6383, ST6388, ST6389 Figure 1. Block Diagram TEST IRIN/PC6 INTERRUPT UP TO 20KBytes PC STACK LEVEL 1 STACK LEVEL 2 STACK LEVEL 3 STACK LEVEL 4 STACK LEVEL 5 STACK LEVEL 6 POWER SUPPLY OSCILLATOR RESET DATA ROM USER SELECTABLE DATA RAM 256 Bytes PORT A PORT C 8 BIT CORE TEST TIMER 1 PA0 - PA7* VDD VSS OSCin OSCout RESET USER PROGRAM MEMORY TIMER 2 Inputs DATA EEPROM 384 Bytes PC2, PC4 - PC7* D/A Outputs VS* R, G, B, BLANK VS Output On-Screen Digital Watchdog DA0 - DA5* *Refer to Pin Description for Additional Information Serial Peripheral PC0/SCL PC1/SDA PC3/SEN Timer Display Interface HSYNC, VSYNC VR01753 OSDOSCout OSDOSCin PB0 - PB6* PORT B & A/D inputs |