Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6389 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce ST6389
Description  8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6389 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button ST6389 Datasheet HTML 35Page - STMicroelectronics ST6389 Datasheet HTML 36Page - STMicroelectronics ST6389 Datasheet HTML 37Page - STMicroelectronics ST6389 Datasheet HTML 38Page - STMicroelectronics ST6389 Datasheet HTML 39Page - STMicroelectronics ST6389 Datasheet HTML 40Page - STMicroelectronics ST6389 Datasheet HTML 41Page - STMicroelectronics ST6389 Datasheet HTML 42Page - STMicroelectronics ST6389 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
39/82
ST6380, ST6381, ST6382, ST6383, ST6388, ST6389
SERIAL PERIPHERAL INTERFACE (Cont’d)
Figure 27. I2C BUS Timing Diagram
Note: The third pin, SEN, should be high; it is not used in the I2C BUS. Logically SDA is the AND of the
S-BUS SDA and SEN.)
VA00455
02
3
16
A
7
5
SCL
SDA (TRANSMIT)
SDA pulled low by receiver
if acknowledged.
SDA pulled low by SPI Peripheral.
SDA (RECEIVE)
SDA (START)
SDA pulled low by receiver
if acknowledged.
SDA (STOP)
SDA pulled low by receiver if acknowledge. If in receive then there
will be no ACK. by the SPI.
SCL
SCL
57
A
6
14
3
2
0
57
A
6
14
3
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82